Part Number Hot Search : 
21500 1N4108 CJD136D DTA144E PT15D AT93C AT080 2403S
Product Description
Full Text Search
 

To Download TA07-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsad2427 rev no: v.12 date: jan/30/2008 page: 1 of 4 approved: wynec checked: joe lee drawn: k.xia erp: 1332000023 18mm (0.7 inch) single color dot matrix display part number: TA07-11GWA green features z 0.7 inch matrix height. z dot size 2mm. z low current operation. z compatible with ascii and ebcdic codes. z stackable vertically and horizontally. z easy mounting on p.c. boards or sockets. z mechanically rugged. z standard: gray face, white dot. z rohs compliant. description the green source color devices are made with gallium phosphide green light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsad2427 rev no: v.12 date: jan/30/2008 page: 2 of 4 approved: wynec checked: joe lee drawn: k.xia erp: 1332000023 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. TA07-11GWA green (gap) white diffused 4700 18000 column anode description symbol parameter device typ. max. units test conditions peak peak wavelength green 565 nm i f =20ma d [1] dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half-width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage green 2.2 2.5 v i f =20ma i r reverse current green 10 ua v r =5v parameter green units power dissipation 62.5 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsad2427 rev no: v.12 date: jan/30/2008 page: 3 of 4 approved: wynec checked: joe lee drawn: k.xia erp: 1332000023 green TA07-11GWA
spec no: dsad2427 rev no: v.12 date: jan/30/2008 page: 4 of 4 approved: wynec checked: joe lee drawn: k.xia erp: 1332000023 packing & label specifications TA07-11GWA


▲Up To Search▲   

 
Price & Availability of TA07-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X